Part Number Hot Search : 
0461034 BRUS520 MC6800CL LLD08 1N5774 AN4803 M536A FM2100
Product Description
Full Text Search
 

To Download KTLP3526 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo photo coupler for ac power triac output KTLP3526 z outside dimension unit ( mm ) z features 1. compact dual-in-line package. 2. 600v peak blocking voltage. 3. isolation voltage between input and output 2500vrms. z schematic top view 2 anode 3 cathode 4,5,6,7 n.c 9,13 triac t2 11 triac t1 z application 1. triac driver. 2. programmable controllers. 3. ac-output module. 4. solid state relay. 11 2 4 3 5 15 13 7 6 9 15 triac gate z absolute maximum ratings ( ta=25 ) characteristic symbol rating unit forward current i f 50 ma forward current derating ( ta R 53 ) i f / -0.7 ma/ peak forward current ( 100 s pulse, 100pps ) i fp 1 a reverse voltage v r 5 v input junction temperature tj 125 off-state output terminal voltage v drm 600 v ta = 4 0 1.0 on-state rms current ta = 6 0 i t(rms) 0.7 a on-state current derating ( ta R 40 ) i t / -14.3 ma/ peak current from snubber circuit ( 100 pulse, 120pps ) i sp 2 a peak nonrepetitive surge current ( 50hz, peak ) i tsm 10 a output junction temperature tj 110 storage temperature range t stg -40~125 operating temperature range t opr -20~80 lead soldering temperature ( 10s ) t sol 260 isolation voltage ( ac, 1min., r.h. Q 60% ) bv s 2500 vrms z electro-optical characteristics characteristic symbol test condition min. typ. max. unit forward voltage v f i f =10ma 1.0 1.15 1.3 v reverse current i r v r =5v - - 10 a input capacitance c t v=0, f=1mhz - 30 - pf peak off-state current i drm v drm =600v, ta=110 - - 100 a peak on-state voltage v tm i tm =1.5a - - 3.0 v holding current i h r l =100 ? - - 25 ma critical rate of rise of off-state voltage dv/dt vin=240vrms 200 500 - v/s output critical rate of rise of commutating voltage dv/dt(c) vin=240vrms, i t =1arms - 5 - v/s trigger led current i ft v t =6v - - 10 ma capacitance ( input to output ) c s v s =0, f=1mhz - 1.5 - pf isolation resistance r s v s =500v 5x10 10 10 14 - ? ac, 1minute 2500 - - ac, 1second, in oil - 5000 - vrms transfer isolation voltage bv s dc, 1minute, in oil - 5000 - vdc


▲Up To Search▲   

 
Price & Availability of KTLP3526

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X